PART |
Description |
Maker |
AT25HP512 |
256/512K-bit, SPI Bus Serial EEPROM, High-speed, Page-write Only, SPI Mode 0 and 3
|
Atmel
|
AT25HP256 |
256/512K-bit, SPI Bus Serial EEPROM, High-speed, Page-write Only, SPI Mode 0 and 3 From old datasheet system
|
Atmel Corp
|
W25X10AL W25X10ALDAIG W25X10ALDAIZ W25X10ALSNIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X80 W25X40 W25X40LSSCG W25X40LSSCZ W25X40LSSI W |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
WINBOND[Winbond]
|
CAT25C256LI-1.8-GT3 CAT25C256LI-1.8-GT2 CAT25C256L |
128K/256K-Bit SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOIC-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
http:// CATALYST[Catalyst Semiconductor]
|
ST72345 ST72340 ST72344 ST72F340K4T6 ST72F344S4T6 |
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
|
STMICROELECTRONICS
|
W25X10BL W25X10BLSNIG W25X10BLZPIG W25X40BLSSIG W2 |
1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
|
Winbond
|
ST722311R6T6S ST722311R6T1 ST722311R7T3S ST722311R |
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
|
ST Microelectronics
|
CA20C03A20EP CA20C03A-20IP CA20C03A-20IN CA20C03A2 |
N-CHANNEL 550V @Tjmax - 2.5 Ohm - 3A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET Dual 2-input NAND gate DUAL 2-INPUT OPEN DRAIN NAND GATE Dual bilateral switch 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI 数据加密处理 ST7LITE2 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 数据加密处理 Dual 2-input exclusive OR gate 数据加密处理
|
Belden, Inc. 3M Company
|
NX25P10 NX25P20 NX25P40 |
1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
|
List of Unclassifed Manufacturers
|
|